| Moteur de recherche de fiches techniques de composants électroniques |
|
ALR-641-F/Q Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
ALR-641-F/Q Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: ALR ALR SPECIFICATIONS ES-2713 Rev.9 Page 3/4 http://www.m-system.co.jp/ EXTERNAL VIEW No.1 Setpoint Rotary SW (x10%) No.1 Setpoint Rotary SW (x1%) No.2 Setpoint Rotary SW (x10%) No.2 Setpoint Rotary SW (x1%) No.1 LED No.2 LED EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 50 (1.97) 103 (4.06) 132 (5.20) • When mounting, no extra space is needed between units. 5 6 7 8 2 1 11 10 [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW 3 9 4 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM RTD A B B ■ Relay Protection • AC Powered • DC Powered Inductive Load (Coil) Varistor or Spark Quenching Circuit U LOAD Inductive Load (Coil) LOAD Diode, Varistor or CR Circuit * * Ry Ry Base Socket U(+) V(–) POWER 7 8 Comparator *Relay status for output codes “1” & “4”, at power OFF. D / A Converter Comparator ROTARY SWITCH D / A Converter ROTARY SWITCH 10 11 9 2 3 1 H L C SETPOINT 1 OUTPUT H L C SETPOINT 2 OUTPUT 4 5 6 Burnout Linearizer 2mA 2mA Differential Amplifier + – Reference Resistor |