| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX17841BGUEV Fiches technique(PDF) 32 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX17841BGUEV Fiches technique(HTML) 32 Page - Maxim Integrated Products |
|
32 / 33 page ![]() +Denotes a lead(Pb)-free/RoHS-compliant package. /V denotes an automotive qualified part. PACKAGE TYPE PACKAGE CODE OUTLINE NO. LAND PATTERN NO. 16TSSOP U16+1 21-0066 90-0117 Ordering Information PART TEMP RANGE PIN-PACKAGE MAX17841BGUE+ -40°Cto+105°C 16TSSOP MAX17841BGUE/V+ -40°Cto+105°C 16TSSOP Package Information For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages.Note thata“+”,“#”,or“-”inthepackagecodeindicatesRoHSstatus only. Package drawings may show a different suffix character, but thedrawingpertainstothepackageregardlessofRoHSstatus. Maxim Integrated │ 32 MAX17841B Automotive SPI Communication Interface (ASCI) www.maximintegrated.com |