| Moteur de recherche de fiches techniques de composants électroniques |
|
KEPF-11PB-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KEPF-11PB-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: KEPF KEPF SPECIFICATIONS ES-3668 Rev.5 Page 3/4 http://www.m-system.co.jp/ CONNECTION DIAGRAM LOAD LOAD 1 2 3 SOURCE P2 V v P3 U u CT 1L 1S k l L K 4 9 P0 V P2 U v u FUSE V v P3 U u 3 4 9 5 6 + – 1 2 OUTPUT ■ 3-PHASE/3-WIRE *CT Protector (model: CTM) attached to these terminals. 10 11 U(+) V(–) * CT 1L 1S k l L K 5 6 * 1 N 2 3 SOURCE 10 11 U(+) V(–) ■ 3-PHASE/4-WIRE + – 1 2 OUTPUT VT VT **The transducer can be powered from the input voltage when the voltage is sufficiently stable and meets within the range of auxiliary power supply of the unit specified in the data sheet/instruction manual. AUXILIARY POWER** AUXILIARY POWER** FUSE EXTERNAL DIMENSIONS unit: mm (inch) 50 (1.97) 103 (4.06) 132 (5.20) • When mounting, no extra space is needed between units. 5 6 7 8 2 1 11 10 [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW 3 9 4 TERMINAL ASSIGNMENTS unit: mm (inch) 7 8 2 1 11 10 3 9 4 CT PROTECTOR (model: CTM) 5 6 |