Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMP-4-C/Q Fiches technique(PDF) 4 Page - M-System Co.,Ltd.

No de pièce KMP-4-C/Q
Description  Final Control Elements
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KMP-4-C/Q Fiches technique(HTML) 4 Page - M-System Co.,Ltd.

  KMP-4-C/Q Datasheet HTML 1Page - M-System Co.,Ltd. KMP-4-C/Q Datasheet HTML 2Page - M-System Co.,Ltd. KMP-4-C/Q Datasheet HTML 3Page - M-System Co.,Ltd. KMP-4-C/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: KMP
KMP SPECIFICATIONS
ES-3630 Rev.3 Page 4/4
http://www.m-system.co.jp/
TERMINOLOGY
•Split Control
Control in which two or more output signals are generated according to different functions by one input signal.
[Example] Control of two valves in different actions in order to keep temperature steady: one for cold water and another for hot
water.
Use a reverse acting Model KMP-2 (-3) for hot water, and a direct acting Model KMP-1 (-4, -V1) for cold water. When setpoint
signal increases, the hot water valve is actuated to open, while the cold water valve is actuated to close. When setpoint signal
decreases, the two valves move to opposite directions.
Temp. XMTR
TIC
KMP
(direct)
KMP
(reverse)
Cold
Water
M
Hot
Water
M
Heat Exchanger
M
M
M
M
100%
100%
50
0
0
Hot Water
Valve
Cold Water
Valve
SETPOINT
→
Specifications are subject to change without notice.



Html Pages

1 2 3 4