| Moteur de recherche de fiches techniques de composants électroniques |
|
IT50SW6F Fiches technique(PDF) 9 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
IT50SW6F Fiches technique(HTML) 9 Page - M-System Co.,Ltd. |
|
9 / 10 page ![]() MODEL: IT50SW6F IT50SW6F SPECIFICATIONS ES-2435 Rev.0 Page 9/10 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM LAMP1 LAMP2 LAMP3 LAMP4 LAMP5 BUZZER1 BUZZER2 COM BLINK LAMP1 LAMP2 LAMP3 LAMP4 LAMP5 BUZZER1 BUZZER2 COM BLINK FE1 DA DB DG SLD FE Gray LAMP 1 INPUT LAMP 2 INPUT LAMP 3 INPUT LAMP 4 INPUT LAMP 5 INPUT BUZZER INP 1 Continuance BUZZER INP 2 Intermittence LAMP BLINK Red* 2 Amber* 2 Green* 2 Blue* 2 White* 2 COM Purple Cyan Brown Orange Black INPUT POWER FE Green/Amber BUZZER1 BUZZER2 BLINK LAMP1* 1 LAMP2* 1 LAMP3* 1 LAMP4* 1 LAMP5* 1 COM + – Connector for Maintenance USB Connector Antenna Connector To other Modbus devices Input Circuit Isolation Wireless Comm. Circuit Comm. Circuit Control Circuit LAMP 1–5 BUZZER STATUS IND DIP SW BLINK ON TOWER LIGHT TOWER LIGHT BLINK ON • WIRING TO INPUT SIGNAL Contact input e.g. NPN input e.g. *1. Example of 5 layers in order: red, amber, green, blue and white. Lamp and wire color are the same. *2. When selecting the same color for more than one layer, cable colors comply with ordering information sheet. Note: If “On” and “Blink” are set simultaneously for a single lamp, “Blink” is disabled. At this time, if other lamps are set to "Blink", they are also affected and work in the same manner. |