Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADPD4100BCBZR7 Fiches technique(PDF) 78 Page - Analog Devices

No de pièce ADPD4100BCBZR7
Description  Multimodal Sensor Front End
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADPD4100BCBZR7 Fiches technique(HTML) 78 Page - Analog Devices

Back Button ADPD4100BCBZR7 Datasheet HTML 74Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 75Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 76Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 77Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 78Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 79Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 80Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 81Page - Analog Devices ADPD4100BCBZR7 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
ADPD4100/ADPD4101
Data Sheet
Rev. 0 | Page 78 of 101
Addr
Name
Bits
Bit Name
Description
Reset Access1
3
INTY_EN_DATA_D
INT_DATA_D interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_D status on Interrupt Y.
0x0
R/W
2
INTY_EN_DATA_C
INT_DATA_C interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_C status on Interrupt Y.
0x0
R/W
1
INTY_EN_DATA_B
INT_DATA_B interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_B status on Interrupt Y.
0x0
R/W
0
INTY_EN_DATA_A
INT_DATA_A interrupt enable. Write a 1 to this bit to
enable drive of INT_DATA_A status on Interrupt Y.
0x0
R/W
0x0016 INT_ENABLE_XL0
[15:12] Reserved
Reserved.
0x0
R
11
INTX_EN_LEV0_L
INT_LEV0_L interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_L status on Interrupt X.
0x0
R/W
10
INTX_EN_LEV0_K
INT_LEV0_K interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_K status on Interrupt X.
0x0
R/W
9
INTX_EN_LEV0_J
INT_LEV0_J interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_J status on Interrupt X.
0x0
R/W
8
INTX_EN_LEV0_I
INT_LEV0_I interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_I status on Interrupt X.
0x0
R/W
7
INTX_EN_LEV0_H
INT_LEV0_H interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_H status on Interrupt X.
0x0
R/W
6
INTX_EN_LEV0_G
INT_LEV0_G interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_G status on Interrupt X.
0x0
R/W
5
INTX_EN_LEV0_F
INT_LEV0_F interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_F status on Interrupt X.
0x0
R/W
4
INTX_EN_LEV0_E
INT_LEV0_E interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_E status on Interrupt X.
0x0
R/W
3
INTX_EN_LEV0_D
INT_LEV0_D interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_D status on Interrupt X.
0x0
R/W
2
INTX_EN_LEV0_C
INT_LEV0_C interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_C status on Interrupt X.
0x0
R/W
1
INTX_EN_LEV0_B
INT_LEV0_B interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_B status on Interrupt X.
0x0
R/W
0
INTX_EN_LEV0_A
INT_LEV0_A interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV0_A status on Interrupt X.
0x0
R/W
0x0017 INT_ENABLE_XL1
[15:12] Reserved
Reserved.
0x0
R
11
INTX_EN_LEV1_L
INT_LEV1_L interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV1_L status on Interrupt X.
0x0
R/W
10
INTX_EN_LEV1_K
INT_LEV1_K interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV1_K status on Interrupt X.
0x0
R/W
9
INTX_EN_LEV1_J
INT_LEV1_J interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV1_J status on Interrupt X.
0x0
R/W
8
INTX_EN_LEV1_I
INT_LEV1_I interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV1_I status on Interrupt X.
0x0
R/W
7
INTX_EN_LEV1_H
INT_LEV1_H interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV1_H status on Interrupt X.
0x0
R/W
6
INTX_EN_LEV1_G
INT_LEV1_G interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV1_G status on Interrupt X.
0x0
R/W
5
INTX_EN_LEV1_F
INT_LEV1_F interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV1_F status on Interrupt X.
0x0
R/W
4
INTX_EN_LEV1_E
INT_LEV1_E interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV1_E status on Interrupt X.
0x0
R/W
3
INTX_EN_LEV1_D
INT_LEV1_D interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV1_D status on Interrupt X.
0x0
R/W
2
INTX_EN_LEV1_C
INT_LEV1_C interrupt enable. Write a 1 to this bit to
enable drive of INT_LEV1_C status on Interrupt X.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More