| Moteur de recherche de fiches techniques de composants électroniques |
|
F2VS-15-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
F2VS-15-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: F2VS F2VS SPECIFICATIONS ES-5418 Rev.6 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 1 2 3 4 5 6 7 8 107 (4.21) [1.5 (.06)] DIN RAIL 35mm wide 22.5 (.89) • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – + – Isolation S Z 1 Low Drift Amplifier Output Driver OUTPUT 2 3 4 5 6 POWER 7 8 + – *Input shunt resistor incorporated for current input. INPUT * Specifications are subject to change without notice. |