| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD105BCPZ Fiches technique(PDF) 48 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD105BCPZ Fiches technique(HTML) 48 Page - Analog Devices |
|
48 / 66 page ![]() ADPD105/ADPD106/ADPD107 Data Sheet Rev. A | Page 48 of 66 REGISTER LISTING Table 28. Numeric Register Listing1 Hex. Addr. Name Bits Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reset RW Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 0x00 Status [15:8] FIFO_SAMPLES[7:0] 0x0000 R/W [7:0] Reserved SLOTB_INT SLOTA_INT Reserved 0x01 INT_MASK [15:8] Reserved FIFO_INT_ MASK 0x00FF R/W [7:0] Reserved SLOTB_INT_ MASK SLOTA_INT_ MASK Reserved 0x02 GPIO_DRV [15:8] Reserved GPIO1_DRV GPIO1_POL 0x0000 R/W [7:0] Reserved GPIO0_ENA GPIO0_DRV GPIO0_POL 0x06 FIFO_ THRESH [15:8] Reserved FIFO_THRESH[5:0] 0x0000 R/W [7:0] Reserved 0x08 DEVID [15:8] REV_NUM[7:0] 0x0516 R [7:0] DEV_ID[7:0] 0x09 I2CS_ID [15:8] ADDRESS_WRITE_KEY[7:0] 0x00C8 R/W [7:0] SLAVE_ADDRESS[6:0] Reserved 0x0A CLK_RATIO [15:8] Reserved CLK_RATIO[11:8] 0x0000 R [7:0] CLK_RATIO[7:0] 0x0B GPIO_CTRL [15:8] Reserved GPIO1_ALT_CFG[4:0] 0x0000 R/W [7:0] Reserved GPIO0_ALT_CFG[4:0] 0x0D SLAVE_ ADDRESS_ KEY [15:8] SLAVE_ADDRESS_KEY[15:8] 0x0000 R/W [7:0] SLAVE_ADDRESS_KEY[7:0] 0x0F SW_RESET [15:8] Reserved 0x0000 R/W [7:0] Reserved SW_RESET 0x10 Mode [15:8] Reserved 0x0000 R/W [7:0] Reserved Mode[1:0] 0x11 SLOT_EN [15:8] Reserved RDOUT_ MODE FIFO_OVRN_ PREVENT Reserved SLOTB_ FIFO_ MODE[2] 0x1000 R/W [7:0] SLOTB_FIFO_MODE[1:0] SLOTB_EN SLOTA_FIFO_MODE[2:0] Reserved SLOTA_EN 0x12 FSAMPLE [15:8] FSAMPLE[15:8] 0x0028 R/W [7:0] FSAMPLE[7:0] 0x14 PD_LED_ SELECT [15:8] Reserved SLOTB_PD_SEL[3:0] 0x0541 R/W [7:0] SLOTA_PD_SEL[3:0] SLOTB_LED_SEL[1:0] SLOTA_LED_SEL[1:0] 0x15 NUM_AVG [15:8] Reserved SLOTB_NUM_AVG[2:0] 0x0600 R/W [7:0] Reserved SLOTA_NUM_AVG[2:0] Reserved 0x18 SLOTA_CH1_ OFFSET [15:8] SLOTA_CH1_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH1_OFFSET[7:0] 0x19 SLOTA_CH2_ OFFSET [15:8] SLOTA_CH2_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH2_OFFSET[7:0] 0x1A SLOTA_CH3_ OFFSET [15:8] SLOTA_CH3_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH3_OFFSET[7:0] 0x1B SLOTA_CH4_ OFFSET [15:8] SLOTA_CH4_OFFSET[15:8] 0x2000 R/W [7:0] SLOTA_CH4_OFFSET[7:0] 0x1E SLOTB_CH1_ OFFSET [15:8] SLOTB_CH1_OFFSET[15:8] 0x2000 R/W [7:0] SLOTB_CH1_OFFSET[7:0] 0x1F SLOTB_CH2_ OFFSET [15:8] SLOTB_CH2_OFFSET[15:8] 0x2000 R/W [7:0] SLOTB_CH2_OFFSET[7:0] 0x20 SLOTB_CH3_ OFFSET [15:8] SLOTB_CH3_OFFSET[15:8] 0x2000 R/W [7:0] SLOTB_CH3_OFFSET[7:0] 0x21 SLOTB_CH4_ OFFSET [15:8] SLOTB_CH4_OFFSET[15:8] 0x2000 RW [7:0] SLOTB_CH4_OFFSET[7:0] |