| Moteur de recherche de fiches techniques de composants électroniques |
|
ADIS16375BMLZ Fiches technique(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADIS16375BMLZ Fiches technique(HTML) 21 Page - Analog Devices |
|
21 / 28 page ![]() Data Sheet ADIS16375 Rev. E | Page 21 of 28 Table 70. ZACCL_OFF_L (Page 2, Base Address = 0x24) Bits Description (Default = 0x0000) [15:0] Z-axis accelerometer offset correction, lower word; uses same format as Z_ACCL_LOW (see Table 24) Manual Sensitivity Correction The xGYRO_SCL and x_ACCL_SCL registers provide controls for sensitivity adjustment. Table 71. XGYRO_SCL (Page 2, Base Address = 0x40) Bits Description (Default = 0x0000) [15:0] X-axis gyroscope scale correction; twos complement, 1 LSB = 0.003052% change in sensitivity; 0x0000 = no scale adjustment, unity gain Table 72. YGYRO_SCL (Page 2, Base Address = 0x42) Bits Description (Default = 0x0000) [15:0] Y-axis gyroscope scale correction; twos complement, 1 LSB = 0.003052% change in sensitivity; 0x0000 = no scale adjustment, unity gain Table 73. ZGYRO_SCL (Page 2, Base Address = 0x44) Bits Description (Default = 0x0000) [15:0] Z-axis gyroscope scale correction; twos complement, 1 LSB = 0.003052% change in sensitivity; 0x0000 = no scale adjustment, unity gain Table 74. XACCL_SCL (Page 2, Base Address = 0x46) Bits Description (Default = 0x0000) [15:0] X-axis accelerometer scale correction; twos complement, 1 LSB = 0.003052% change in sensitivity; 0x0000 = no scale adjustment, unity gain Table 75. YACCL_SCL (Page 2, Base Address = 0x48) Bits Description (Default = 0x0000) [15:0] Y-axis accelerometer scale correction; twos complement, 1 LSB = 0.003052% change in sensitivity; 0x0000 = no scale adjustment, unity gain Table 76. ZACCL_SCL (Page 2, Base Address = 0x4A) Bits Description (Default = 0x0000) [15:0] Z-axis accelerometer scale correction; twos complement, 1 LSB = 0.003052% change in sensitivity; 0x0000 = no scale adjustment, unity gain MEMS GYRO FACTORY CALIBRATION AND FILTERING ADC X_GYRO_OUT X_GYRO_LOW XGYRO_OFF_H XGYRO_OFF_L 1 + XGYRO_SCALE Figure 20. User Calibration Controls, X-Axis Gyroscope Example |