| Moteur de recherche de fiches techniques de composants électroniques |
|
DLA1-7C2-S/Q Fiches technique(PDF) 8 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
DLA1-7C2-S/Q Fiches technique(HTML) 8 Page - M-System Co.,Ltd. |
|
8 / 33 page ![]() MODEL: DLA1 DLA1 SPECIFICATIONS ES-6510 Rev.9 Page 8/33 http://www.m-system.co.jp/ ■ WITH I/O CONNECTORS (DLAx-xA2, xC3, xC4) 3.5 (.14) 53 (2.09) 200 (7.87) 170 (6.69) 80 (3.15) min. •Connector Pin Assignment SIDE MOUNTING 4 – 4.4 (.17) dia. [53 (2.09) deep] SURFACE MOUNTING M4 SCREW [7 (.28) deep] A1 A20 B1 B20 CN1 A1 A20 B1 B20 CN2 U L LED INDICATOR SELECTOR •Terminal Assignment, Euro Type Connector Terminals 9 8 7 6 5 4 3 2 1 * *Not provided for fiber optics (code 2) Note : There is no specific order for connecting fiber optics. PIN TERMINAL PHOENIX CONTACT AI 1,5-8BK RECOMMENDED MULTI-STRAND CABLE: 1.25 mm2 (.02 in2) SOLID CABLE 1.4 mm (.06) dia. MINUS SCREWDRIVER Remove cover. 8 mm (.32) •Wiring Procedure of Euro Type Connector Terminals MOUNTING REQUIREMENTS unit: mm (inch) 55 (2.17) 55 (2.17) 2–M4 SCREW 3.5 (.14) ■ SURFACE MOUNTING ■ SIDE MOUNTING (terminal block at the right side) 170 (6.69) 4–M4 SCREW WIRING SPACE 95 (3.74) MIN. |