| Moteur de recherche de fiches techniques de composants électroniques |
|
DLC-7A1-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
DLC-7A1-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 9 page ![]() MODEL: DLC http://www.m-system.co.jp/ DLC SPECIFICATIONS ES-6512 Rev.11 Page 4/9 CONNECTION DIAGRAM 6 7 8 9 + – V(–) EARTH (FG) U(+) POWER RUN CONTACT 2 1 5 4 3 JUMPER PIN* ■ TWISTED-PAIR CABLE (transmission media code: 1) V(–) EARTH (FG) U(+) POWER RUN CONTACT 2 1 5 4 3 6 7 8 9 + – V(–) EARTH (FG) U(+) POWER RUN CONTACT 2 1 5 4 3 ■TWISTED-PAIR & FIBER OPTICS (transmission media code: 7) FIBER - OPTIC CONNECTOR FIBER - OPTIC CONNECTOR Fiber Optics FIBER - OPTIC CONNECTOR D-SUB CONNECTOR Fiber Optics RS-232-C D-SUB CONNECTOR RS-232-C D-SUB CONNECTOR RS-232-C ■FIBER OPTICS CABLE (transmission media code: 2) Shielded Twisted-pair Cable JUMPER PIN* Shielded Twisted-pair Cable *When the unit is located at the end of transmission line via twisted-pair cable (= no cross-wiring), short across the terminals 6 – 7 with the jumper pin (or wire) provided with the unit. Remove the jumper pin for all the unit not located at the end. DIMENSIONS unit: mm (inch) ■ STANDARD TYPE 3.5 (.14) 53 (2.09) 200 (7.87) 170 (6.69) 28 (1.10) SIDE MOUNTING 4 – 4 (.16) dia. [53 (2.09) deep] 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 • 40-pin Connector Terminal Block 40–M3 SCREW TERMINAL SURFACE MOUNTING M4 SCREW [7 (.28) deep] ) 2 - A . g i F ( ) 1 - A . g i F ( Observe appropriate space for the front RS-232-C cable (provided by user). |