| Moteur de recherche de fiches techniques de composants électroniques |
|
DLA1-1A1-R Fiches technique(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
DLA1-1A1-R Fiches technique(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 33 page ![]() MODEL: DLA1 DLA1 SPECIFICATIONS ES-6510 Rev.9 Page 6/33 http://www.m-system.co.jp/ ■ CONBINATION TABLE S K R A M E R N O I T A N I B M O C E L B I S S O P DLA1-xA1 (Di 32 points) DLA1-xC1 (Do 32 points) DLA1-x C2 (Do 32 points) Two A1 units required for DLA1-xC3 (Do 64 points) DLA1-x C4 (Do 64 points) one C3 or C4 unit. DLA1-xA2 (Di 64 points) DLA1-xC1 (Do 32 points) DLA1-x C2 (Do 32 points) Two C1 or C2 units required DLA1-xC3 (Do 64 points) DLA1-x C4 (Do 64 points) for one A2 unit. DLA1-xC1 (Do 32 points) DLA1-xA1 (Di 32 points) DLA1-x A2 (Di 32 points) Two C1 or C2 units required DLA1-x . t i n u 2 A e n o r o f ) s t n i o p 2 3 o D ( 2 C DLA1-xC3 (Do 64 points) DLA1-xA1 (Di 32 points) DLA1-x A2 (Di 32 points) Two A1 units required for DLA1-x . t i n u 4 C r o 3 C e n o ) s t n i o p 4 6 o D ( 4 C DLA1-xE1 (Di 16 + Do 16) DLA1-xE1 (Di 16 + Do 16) DLA1-xE2 (Di 16 + Do 16) DLA1-xE2 (Di 16 + Do 16) DLA1-xG1 (Ai 32 points) DLA1-xM1 (Ao 32 points) DLA1-xM1 (Ao 32 points) DLA1-xG1 (Ai 32 points) DLA1-xP1 (Pi 16 + Ai 16) DLA1-x - o r p n i l a n g i s g o l a n a s u p t u o 1 M ) 6 1 o A + 6 1 o P ( 1 U DLA1-xM1 (Ao 16 [accum. value] + Ao 16 DLA1-xR1 (Ai 16 + Ao 16) DLA1-xR1 (Ai 16 + Ao 16) DLA1-xS1 (Ai 8+Ao 8+Di 8+Do 8) DLA1-xS1 (Ai 8 + Ao 8 + Di 8 + Do 8) DLA1-xU1 (Po 16 + Ao 16) DLA1-xP1 (Pi 16 + Ai 16) Proporition to accumulated pulse. EXTERNAL VIEW SA1 SA2 Power LED Indicator RUN LED Indicator I/O Indicator LEDs (Varies according to I/O types. See each I/O section.) Station No. Setting Rotary Switches 9 8 7 6 5 4 3 2 1 Jumper Connector Terminal Connector Terminal Jumper Connector Terminal Fiber Link Connector ■TWISTED-PAIR & FIBER ■STANDARD TYPE (40-terminal connector) ■DLA1-A2, C3, C4 (FCN 40-pin connectors) 5 4 3 2 1 Fiber Link Connector ■FIBER OPTICS 9 8 7 6 5 4 3 2 1 ■TWISTED-PAIR Fiber Link Connector 9 8 7 6 5 4 3 2 1 10 11 12 13 14 15 16 25 24 23 22 21 20 19 18 17 26 27 28 29 30 31 32 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 CN1 CN2 U L LED Indicator Selector Euro Type Euro Type Euro Type |