| Moteur de recherche de fiches techniques de composants électroniques |
|
DLS Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
DLS Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 10 page ![]() MODEL: DLS http://www.m-system.co.jp/ DLS SPECIFICATIONS ES-6515 Rev.18 Page 5/10 ■SYSTEM CONFIGURATION EXAMPLE RS-232-C (straight) RS-232-C (straight) multi-transmission line DLS-1S1A4B4-K/M5B (station address SA1 = 0, SA2 = 2) DLA1-1C1-K (station address SA1 = 0, SA2 = 4) DLA1-1A1-K (station address SA1 = 0, SA2 = 4) DLS-1S1A4B4-K/M5A (station address SA1 = 0, SA2 = 3) process I/O process I/O process I/O process I/O multi-transmission line ■ HOW TO SET STATION ADDRESSES The I/O units are connected in a series via a couple of modems. Set the station address to DLA1 units as described in the DLA1 data sheet. For the DLS with no process I/O, set a number remote from those for DLA1s (such like FF, FE). When the DLS has process input or output, set it the same way as the DLA1. ■ HOW TO CONFIGURE MULTI-TRANSMISSION LINE Refer to the data sheet for DLA1 unit. MOD5 leased circuit MOD5 |