| Moteur de recherche de fiches techniques de composants électroniques |
|
DLC Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
DLC Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 9 page ![]() MODEL: DLC http://www.m-system.co.jp/ DLC SPECIFICATIONS ES-6512 Rev.11 Page 3/9 DESCRIPTIONS •RUN Contact (LED) Behaviors Input units (00, A1, A2, G1 and P1): The LED turns ON with the network configured; OFF in an abnormality; the network is reconfigured after an abnormality. Output units (C1, C2, C3, C4, M1 and U1): The LED turns ON when data from the paired input unit is received normally, with the network configured; OFF when the data is lost; turns also OFF in an abnormality in the network. I/O-mixed units (E1, E2, R1 and S1): Functions of both input and output units are used. [CAUTION] When the network is reconfigured e.g. by noise interference, the RUN LED and output for all units on the network turn briefly OFF until they are turned ON after the reconfiguration is complete. EXTERNAL VIEW ■ MULTI-TRANSMISSION SECTION, PROCESS I/O SECTION & INDICATOR LED SECTION (Process I/O and indicator LED sections are provided only for process I/O type) SA1 SA2 Power LED Indicator RUN LED Indicator I/O Indicator LEDs (Varies according to I/O types. See each I/O section of model DLA1 data sheet.) Station No. Setting Rotary Switches 9 8 7 6 5 4 3 2 1 Jumper Jumper Fiber Link Connector ■ TWISTED-PAIR & FIBER ■ STANDARD TYPE (40-terminal connector) ■ DLC-A2, C3, C4 (FCN 40-pin connectors) 5 4 3 2 1 Fiber Link Connector ■ FIBER OPTICS 9 8 7 6 5 4 3 2 1 ■ TWISTED-PAIR Fiber Link Connector 9 8 7 6 5 4 3 2 1 10 11 12 13 14 15 16 25 24 23 22 21 20 19 18 17 26 27 28 29 30 31 32 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 1 3 5 7 9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 CN1 CN2 U L LED Indicator Selector SA1 SA2 Power LED Indicator RUN LED Indicator Station Address Setting Rotary Switches 1 2 3 4 5 6 7 8 ON OFF Transmission Speed Stop Bit Data Bit Parity With/Without Parity Check 14 25 1 13 ■ DIP SWITCH ■D-SUB CONNECTOR PIN ASSIGNMENT • RS-232-C Connection Example (cross type cable) FG SD RD RS CS DR SG CD ER Connector Unit Side FG SD RD RS CS DR SG CD ER Connector Computer Side RS-232-C Connector 1 2 3 4 5 6 7 8 20 1 2 3 4 5 6 7 8 20 DIP Switches Euro Connector Terminal Euro Connector Terminal Euro Connector Terminal |