| Moteur de recherche de fiches techniques de composants électroniques |
|
48V-1YYH4-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
48V-1YYH4-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: 48V http://www.m-system.co.jp/ 48V SPECIFICATIONS ES-9311 Rev.13 Page 4/5 EXTERNAL VIEW 50 40 30 20 10 0 10 20 30 40 50 50 40 30 20 10 0 10 20 30 40 50 50 40 30 20 10 0 10 20 30 40 50 50 40 30 20 10 0 10 20 30 40 50 °C °C m m3/h Tag No. Label ■VERTICAL MOUNTING 50 50 40 30 20 10 0 10 20 30 40 50 40 30 20 10 0 10 20 30 40 50 Input 1 Input 1 Input 2 Input 2 • Single ■HORIZONTAL MOUNTING • Single • Dual • Dual m3/h – – – – – °C – Tag No. Label * *Engineering units longer than 3 characters are indicated here. Remark: If there is only one engineering unit with dual bargraph type, the position and maximum number of characters for single bargraph type are applied. CONNECTION DIAGRAM 1 2 INPUT + – 5 6 DC POWER + – 7 8 AC POWER U V ■48V-1 1 2 INPUT 1 + – 3 4 INPUT 2 + – 5 6 DC POWER + – 7 8 AC POWER U V ■48V-2 EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) BEZEL 36 (1.42) 41 (1.61) 135 (5.31) 164 (6.46) 9 (.35) 20 (.79) 1 2 3 4 5 6 7 8 36 (1.42) 7.5 (.30) 9.4 (.37) M3 (.12) SCREW BEZEL |