| Moteur de recherche de fiches techniques de composants électroniques |
|
48V-2RRVZ-R Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
48V-2RRVZ-R Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: 48V http://www.m-system.co.jp/ 48V SPECIFICATIONS ES-9311 Rev.13 Page 5/5 PANEL CUTOUT unit: mm L 139.5 +1 –0 164 min. Note 1. A bezel is required between units for high-density mounting. Note 2. Observe at the minimum of 5 cm above and below the units for heat dissipation. Note 1. A bezel is required between units for high-density mounting. L = (38 x n) (n: number of units) L = 38 x (n–1) + 36.5 (n: number of units) +1 –0 +1 –0 ■ VERTICAL MOUNTING ■ HORIZONTAL MOUNTING Panel thickness: 1.6 – 5.5 mm Panel thickness: 1.6 – 5.5 mm 139.5 +1 –0 Specifications are subject to change without notice. |