| Moteur de recherche de fiches techniques de composants électroniques |
|
XRAG2 Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
XRAG2 Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() XRAG2 3 XRAG2 commands 5/8 3 XRAG2 commands The XRAG2 offers Select, Inventory, and Access commands sets supported as defined in ePCglobal Class-1 Generation-2 UHF RFID specifications (Revision 1.0.9). Table 3. XRAG2 commands Command Set Available Commands Select Command Set SELECT Inventory Command Set QUERY, QUERYADJUST, QUERYREP, ACK and NAK Access Command Set REQ_RN, READ, WRITE, KILL, LOCK, ACCESS, BLOCKWRITE and BLOCKERASE |