| Moteur de recherche de fiches techniques de composants électroniques |
|
51U-3B0-R2 Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
51U-3B0-R2 Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 16 page ![]() INSTALLATION Auxiliary power supply AC: operational voltage range 85 – 264V, 50/60 Hz, approx. 5.5VA DC: operational voltage range for R: 24V ±10% or P: 85 – 143V; ripple 10% p-p max.; approx. 5.5W (approx. 230mA at 24V) Operating temperature: -10 to +50°C (14 to 122°F) Operating humidity: 30 to 85% RH (non-condensing) Grounding: grounding resistance ≤100Ω Mounting: panel flush mounting Dimensions: W110×H110×D126 mm (4.33"×4.33"×4.96") Weight: 500 g (1.10 lbs) PERFORMANCE in percentage of span Accuracy Voltage, current: ±1.0% Watt, var: ±1.5% Power factor: ±3.0% Frequency: ±0.5% Demand: ±1.5% Zero-phase voltage: ±1.5% Max. zero-phase voltage: ±1.5% Watthours: ±2.0% (load current 5 – 100%, power factor 1.0) ±2.5% (load current 10 – 100%, power factor 0.5, lag current) Varhours: ±2.5% (load current 10 – 100%, power factor 0) ±2.5% (load current 20 – 100%, power factor 0.866) ±3.0% (load current 10%, power factor 0.866) Temp. conditioning incl. in the accuray: 23 ±10°C (73.4 ±18°F) Freq. conditioning incl. in the accuracy: 45 – 65 Hz Response time: ≤2 sec. (0 – 100% ±1%) range Power failure protection: VT/CT scaling factors, watthours, max. zero-phase voltage and demand are stored in non-volatile memory. Insulation resistance: ≥100MΩ with 500V DC Dielectric strength: 2000V AC @1 minute (voltage input to current input to trans- mission section to display switch input to aux. power to ground terminal) 2000V AC @1 minute (circuit to ground terminal; not applica- ble to analog or transmission terminal) Surge withstand voltage: 1.2/50 µsec., ±4.5kV (input to output or ground; not applica- ble to analog or transmission terminal) FRONT PANEL CONFIGURATION The front display configuration varies according to model numbers (display items). A. Display LED: 10 mm (.39") 7 segment, orange Display items: DISPLAY x1 kWh x10 kWh V S – T R – S T – R A S R T DISPLAY V RESET A S.R. E F G H J B D A A A C B. Multiplication factor: watt, watthours, var or varhours on the display (A) C. Line current indicators: Pressing DISPLAY (J) or "A" (F) button changes lines (elements). D. Line current indicators: Pressing DISPLAY (J) or "V" (G) button changes lines. E. Primary rating: indicating the primary rating of current, voltage, watt or demand F. Line current switch G. Line voltage switch H. Reset: resetting the max. zero-phase voltage or max. demand; same as the external reset input via output terminals J. Display: changing display items, turning the light on or off; same as the Dis. input via output terminals DISPLAY ITEMS REMARKS Current A (1, N, 2) 4 Single-phase / 3-wire A (R, S, T) 4 3-phase / 3-wire or 4-wire Voltage V (RS, ST, TR) 4 3-phase / 3-wire or 4-wire V (RN, SN, TN) 4 3-phase / 4-wire Watt kW 4 – indicator (reverse flow), ×1, ×10 scaling factor ind. LED Watthours kWh 5 ×1, ×10, ×100 scaling factor LED Var kvar 4 – indicator (lead), ×1, ×10 scaling factor ind. LED Varhours kvarh 5 ×1, ×10, ×100 scaling factor LED Power factor PF 3 – indicator (lead) Frequency Hz 3 Zero-phase voltage V0 4 Max. zero-phase volt. MV0 4 Demand DA 4 Measuring/displaying preset element only Max. demand MDA 4 When values exceed the preset values, corresponding LEDs blink. NO. OF DIGITS Ripple: 0.5% p-p max. Auxiliary supply voltage effect: ±0.1% over voltage P. 3 / 16 ES-6481 Rev.9 |