Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FFM503 Fiches technique(PDF) 4 Page - Rectron Semiconductor

No de pièce FFM503
Description  SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 5.0 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FFM503 Fiches technique(HTML) 4 Page - Rectron Semiconductor

  FFM503 Datasheet HTML 1Page - Rectron Semiconductor FFM503 Datasheet HTML 2Page - Rectron Semiconductor FFM503 Datasheet HTML 3Page - Rectron Semiconductor FFM503 Datasheet HTML 4Page - Rectron Semiconductor FFM503 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
REEL PACK
PACKAGE
GROSS
WEIGHT(Kg)
EA PER
REEL
COMPONENT
SPACE
TAPE SPACE
(mm)
CARTON SIZE
(mm)
(mm)
EA PER
CARTON
REEL DIA
SMC
3,000
---
---
330
360*355*360
24,000
11.50
-W/-T
PACKING
CODE
(mm)
EA PER
BOX
3,000
INNER



Html Pages

1 2 3 4 5