Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

51U-3G1-R1 Fiches technique(PDF) 4 Page - M-System Co.,Ltd.

No de pièce 51U-3G1-R1
Description  Panel Mounted Multi Power Meter 51-UNIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

51U-3G1-R1 Fiches technique(HTML) 4 Page - M-System Co.,Ltd.

  51U-3G1-R1 Datasheet HTML 1Page - M-System Co.,Ltd. 51U-3G1-R1 Datasheet HTML 2Page - M-System Co.,Ltd. 51U-3G1-R1 Datasheet HTML 3Page - M-System Co.,Ltd. 51U-3G1-R1 Datasheet HTML 4Page - M-System Co.,Ltd. 51U-3G1-R1 Datasheet HTML 5Page - M-System Co.,Ltd. 51U-3G1-R1 Datasheet HTML 6Page - M-System Co.,Ltd. 51U-3G1-R1 Datasheet HTML 7Page - M-System Co.,Ltd. 51U-3G1-R1 Datasheet HTML 8Page - M-System Co.,Ltd. 51U-3G1-R1 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
51U
Specifications subject to change without notice.
EXTERNAL DIMENSIONS mm (inch)
■SINGLE-PHASE / 2-WIRE or 3-WIRE, 3-PHASE / 3-WIRE CONNECTION
MOUNTING REQUIREMENTS mm (inch)
■PANEL CUTOUT
110 ±1 (4.33 ±.04)
73 ±1 (2.87 ±.04)
18
(.71)
19
(.75)
35 (1.38)
8(.31)
8(.31)
6(.24)
M5 SCREW
M3 SCREW
M4 SCREW
110 ±1 (4.33 ±.04)
73 ±1 (2.87 ±.04)
18
(.71)
19
(.75)
35 (1.38)
16
(.63)
M5 SCREW
8(.31)
8(.31)
6(.24)
M3 SCREW
M4 SCREW
■3-PHASE / 4-WIRE CONNECTION
90 ±0.5
(3.54 ±0.2)
160 (6.30) min.
102
dia.
2– 6 (.24) dia.
Panel Thickness: 1 to 5.5 mm (.04 – .22 in.)
P. 4 / 16
ES-6481 Rev.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16