| Moteur de recherche de fiches techniques de composants électroniques |
|
51U-0A0-R1 Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
51U-0A0-R1 Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 16 page ![]() 51U Specifications subject to change without notice. EXTERNAL DIMENSIONS mm (inch) ■SINGLE-PHASE / 2-WIRE or 3-WIRE, 3-PHASE / 3-WIRE CONNECTION MOUNTING REQUIREMENTS mm (inch) ■PANEL CUTOUT 110 ±1 (4.33 ±.04) 73 ±1 (2.87 ±.04) 18 (.71) 19 (.75) 35 (1.38) 8(.31) 8(.31) 6(.24) M5 SCREW M3 SCREW M4 SCREW 110 ±1 (4.33 ±.04) 73 ±1 (2.87 ±.04) 18 (.71) 19 (.75) 35 (1.38) 16 (.63) M5 SCREW 8(.31) 8(.31) 6(.24) M3 SCREW M4 SCREW ■3-PHASE / 4-WIRE CONNECTION 90 ±0.5 (3.54 ±0.2) 160 (6.30) min. 102 dia. 2– 6 (.24) dia. Panel Thickness: 1 to 5.5 mm (.04 – .22 in.) P. 4 / 16 ES-6481 Rev.9 |