| Moteur de recherche de fiches techniques de composants électroniques |
|
61D-042-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
61D-042-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: 61D 61D SPECIFICATIONS ES-6629 Rev.14 Page 4/4 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM A / D or D / A Conv. I / O CPU DeviceNet Comm. CPU SERIAL TRANSMISSION LINE MODULAR JACK DIP SW INDICATOR LED V+ CAN_H Drain CAN_L V– To Other DeviceNet Devices To Installation Base PU-2x ■ CABLE IDENTIFICATION The following table defines wire insulation colors and designations. The terminal block is labeled also in the same colors so that the correct assignment can be confirmed. COLOR DESIG. DESCRIPTION black V – Power (–) blue CAN_L Signal Low bare Drain Shield white CAN_H Signal High red V + Power (+) Specifications are subject to change without notice. |