| Moteur de recherche de fiches techniques de composants électroniques |
|
SBSC-U-AF-R2B Fiches technique(PDF) 1 Page - Festo Corporation. |
|
|
|||||||||||||||||||||||||||||
SBSC-U-AF-R2B Fiches technique(HTML) 1 Page - Festo Corporation. |
|
1 / 2 page ![]() Universal sensor SBSC-U-AF-R2B Part number: 8058736 Data sheet Feature Value Type code SBSI KC characters KC EMC Vision sensor version Universal sensor CE marking (see declaration of conformity) As per EU EMC directive Certification RCM compliance mark c UL us - Listed (OL) Field of view Depending on lens selected Lens attachment CS mount Sensor type Monochrome Sensor resolution 1280 x 1024 pixels (SXGA) Frame rate (full image) 50 fps Max. no. of inspection programs/jobs 255 Max. number of test criteria/detectors 255 Function of detectors/characteristics EAN UPC RSS 2/5 interleaved 2/5 Industrial Code 32 Code 39 Code 93 Code 128 GS1 Pharma code Codabar ECC200 QR code PDF 417 OCR Position tracking via contour Pattern matching Contour matching Edge detection Contrast Brightness Gray value threshold Vernier caliper BLOB 6/1/21 - Subject to change - Festo AG & Co. KG 1/2 |
Numéro de pièce similaire - SBSC-U-AF-R2B |
|
Description similaire - SBSC-U-AF-R2B |