| Moteur de recherche de fiches techniques de composants électroniques |
|
WNSC12650T Fiches technique(PDF) 2 Page - WeEn Semiconductors |
|
|
|||||||||||||||||||||||||||||
WNSC12650T Fiches technique(HTML) 2 Page - WeEn Semiconductors |
|
2 / 11 page ![]() WeEn Semiconductors WNSC12650T Silicon Carbide Diode WNSC12650T Product data sheet All information provided in this document is subject to legal disclaimers. © WeEn Semiconductors Co., Ltd. 2020. All rights reserved 20 July 2020 2 / 11 5. Pinning information 6. Ordering information Table 2. Pinning information Table 3. Ordering information 7. Marking Table 4. Marking codes Pin Symbol Description Simplified outline Graphic symbol 1 n.c. not connected 1 23 4 5 A 001aaa020 K 2 n.c. not connected 3 A anode 4 A anode 5 K mounting base; connected to cathode Type number Package name Orderable part number Packing method Small packing quantity Package version Package issue date WNSC12650T DFN8*8 WNSC12650T6J Tape 3000 DFN8X8N 25-Dec-2019 Type number Marking codes WNSC12650T WNSC 12650T |