Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

22LS1 Fiches technique(PDF) 5 Page - M-System Co.,Ltd.

No de pièce 22LS1
Description  Telemetering System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

22LS1 Fiches technique(HTML) 5 Page - M-System Co.,Ltd.

  22LS1 Datasheet HTML 1Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 2Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 3Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 4Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 5Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 6Page - M-System Co.,Ltd. 22LS1 Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: 22LS1
22LS1 SPECIFICATIONS
ES-6557 Rev.6 Page 5/7
http://www.m-system.co.jp/
EXTERNAL VIEW
A
B
C
D
E
F
LINE
RT
RUN
RUN
PWR
SA1
8
7
6
5
4
3
2
1
ON
SA2
Power Indicator LED
RUN Indicator LED
Station No. Setting
Rotary Switches
Master/Slave Selecting
DIP Switches
Modem Type Selecting
Euro Type Connector Terminal
Jumper Pin
RS-232-C Connector
ABBR.
PIN NO.
EXPLANATION OF FUNCTION
CF (CD)
1
Received Line Signal Detector
BB (RD)
2
Received Data
BA (SD)
3
Transmitted Data
CD (ER)
4
DTE Ready
AB (SG)
5
Signal Common
CC (DR)
6
DCE Ready
CA (RS)
7
Request to Send
CB (CS)
8
Clear to Send
(RI)
9
(Not Used)
■ RS-232-C INTERFACE
5
1
9
6
• RS-232-C Connection Example
BA
BB
CA
CB
CC
AB
CF
CD
(SD)
(RD)
(RS)
(CS)
(DR)
(SG)
(CD)
(ER)
Modem
(model: MODx)
CF (CD)
BB (RD)
BA (SD)
CD (ER)
AB (SG)
CC (DR)
CA (RS)
CB (CS)
(RI)
Modem Interface
(model: 22LS1)
1
2
3
4
5
6
7
8
20
1
2
3
4
5
6
7
8
9
Use a cross-type cable as shown above.
CONNECTION DIAGRAM
+
–
A
B
C
D
E
F
U(+)
V(–)
POWER
7
8
9
TERMINATOR
JUMPER PIN*
TWISTED PAIR
RUN CONTACT
OUTPUT
GROUNDING FG
*When the unit is located at the end of transmission line via
twisted-pair cable (= no cross-wiring), short across the terminals
C – D with the jumper pin (or wire) provided with the unit.
Remove the jumper pin for the one not located at the end.
RS-232-C



Html Pages

1 2 3 4 5 6 7