| Moteur de recherche de fiches techniques de composants électroniques |
|
UTT100N08ML-TN3-R Fiches technique(PDF) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. |
|
|
|||||||||||||||||||||||||||||
UTT100N08ML-TN3-R Fiches technique(HTML) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. |
|
4 / 4 page ![]() www.doingter.cn — 4 — -50 0 50 100 150 70 80 90 100 110 120 T j, Junction Temperature (℃ ) I D = 250 μA V GS = 0 V -50 0 50 100 150 0 5 10 15 20 I D = 12 A V GS = 10 V T j, Junction Temperature (℃ ) Figure 5, Drain-source breakdown voltage Figure 6, Drain-source on-state resistance 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 1 10 100 T j = 25 ℃ V SD, Source-Drain voltage (V) 50 100 150 200 250 300 5.5 14.5 23.5 32.5 41.5 50.5 7 V 10 V 6 V 6 V 5 V 4.5 V 4 V V GS=3.5 V I D, Drain current(A) Figure 7, Forward characteristic of body diode Figure 8, Drain-source on-state resistance 0.1 1 10 100 0.1 1 10 100 1000 V DS, Drain-source voltage(V) 10 μs DC 10 ms 1 ms 100 μs R DS(ON) Limited Figure 9, Safe operation area TC=25 ℃ UTT100N08ML-TN3-R 0086-0755-8278-9056 |