Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV0288-NIM Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STV0288-NIM
Description  DVB-S and DIRECTV QPSK receiver with autoscan feature
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0288-NIM Fiches technique(HTML) 2 Page - STMicroelectronics

  STV0288-NIM Datasheet HTML 1Page - STMicroelectronics STV0288-NIM Datasheet HTML 2Page - STMicroelectronics STV0288-NIM Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STV0288
2/3
Figure 2. STV0288
FEATURES
n
DVB-S / DIRECTVTM system
n
Ultra fast channel blind acquisition for satellite
band scanning
n
Up to 60 Msps operation
n
DVB common interface compliant transport
stream (12 bit)
n
I2C serial bus interface, including private
repeater
n
DiSEqCTM 2.0 22 kHz to 100 kHz interface
n
Flexible GPIOs and interrupts
n
Monitoring through I²C serial interface
n
90 nm CMOS process
n
Multi supply: 1.0 V core, 2.5 V analog,
3.3 V interfaces
n
Power saving features
n
1V0 DC regulator integrated
n
TQFP 64 package with no exposed paddle.
PART NUMBERING
Table 1. Order Codes
STV0288 and
STM5105
buffer
Video
Audio
buffer
IR
RX/TX
DRAM
STB6000 tuner
Smart
card
NOR
Flash
transport
stream in
Part Number
Description
STV0288
Silicon receiver
STV0288-NIM
Evaluation board



Html Pages

1 2 3