| Moteur de recherche de fiches techniques de composants électroniques |
|
WJFK-ABC-S/5 Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WJFK-ABC-S/5 Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: WJFK WJFK SPECIFICATIONS ES-2281 Rev.11 Page 4/4 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 7 8 2 1 11 10 50 (1.97) 107 (4.21) 136 (5.35) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW • When mounting, no extra space is needed between units. 3 9 4 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Base Socket *Input shunt resistor incorporated for current inputs. 5 Input Circuit 6 SERIAL TRANSMISSION LINE PU-2x MODULAR JACK * Input Circuit * + INPUT 1 3 Input Circuit * + INPUT 2 4 INPUT 3 U(+) V(–) POWER 7 8 + – OUTPUT 1 1 2 + – 10 11 Isolation S Z Output Driver S Z Output Driver OUTPUT 2 9 COM. Specifications are subject to change without notice. |