Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

17VK-36-R Fiches technique(PDF) 2 Page - M-System Co.,Ltd.

No de pièce 17VK-36-R
Description  Rack-mounted Power Transducers 17-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

17VK-36-R Fiches technique(HTML) 2 Page - M-System Co.,Ltd.

  17VK-36-R Datasheet HTML 1Page - M-System Co.,Ltd. 17VK-36-R Datasheet HTML 2Page - M-System Co.,Ltd. 17VK-36-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 17VK
http://www.m-system.co.jp/
17VK SPECIFICATIONS
ES-2919 Rev.0 Page 2/3
500 V AC @ 1 minute (outut to power)
1500 V AC @ 1 minute (input or output or power to ground)
DIMENSIONS unit: mm (inch)
24 (.94)
7 (.28)
78 (3.07)
32 (1.26)
8–M3.5
SCREW
7 (.28)
2–M3
SCREW
TERMINAL ASSIGNMENTS
1
2
3
4
7
8
5
6
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
2
3
*
*Input shunt resistor incorporated for current input.
+
−
INPUT
Low Drift
Amplifier
S
Z
Voltage/
Duty Cycle
OUTPUT
4
5
6
7
8
Output
Driver
POWER
Isolation



Html Pages

1 2 3