Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B65651-D-R26 Fiches technique(PDF) 5 Page - EPCOS

No de pièce B65651-D-R26
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B65651-D-R26 Fiches technique(HTML) 5 Page - EPCOS

  B65651-D-R26 Datasheet HTML 1Page - EPCOS B65651-D-R26 Datasheet HTML 2Page - EPCOS B65651-D-R26 Datasheet HTML 3Page - EPCOS B65651-D-R26 Datasheet HTML 4Page - EPCOS B65651-D-R26 Datasheet HTML 5Page - EPCOS B65651-D-R26 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
337 08/01
Adjusting screw
I Tube core with thread and core brake made of GFR polyterephthalate
Plastic adjusting screwdriver (not shown)
Plastic handle for adjusting screwdriver (not shown)
Adjusting screw
a
b
c
Core P 18
× 11
Adjusting screw
Min.
adjusting
range
%
Ordering code
Tube core
Material
AL value
nH
Fig.
∅ × length
mm
Material
Color
code
K 1
40
a
2,62
× 3,6
Si 1
white
13
B65659-F1-X101
M 33
100
a
2,62
× 3,6
Si 1
white
10
B65659-F1-X101
N 48
160
a
2,62
× 3,6
Si 1
white
7
B65659-F1-X101
250
a
2,62
× 3,6
K 1
green
10
B65659-F1-X1
315
400
b
2,75
× 4,4
N 22
black
16
12
B65659-F3-X23
400
500
c
2,82
× 4,4
N 22
yellow
16
13
B65659-F4-X23
Adjusting screwdriver
B63399-B4
Handle
B63399-B5
B63399
B65659
Accessories
P 18
× 11



Html Pages

1 2 3 4 5 6