Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM16C02 Fiches technique(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce PCM16C02
Description  Configurable Multiple Function PC Card Interface Chip
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C02 Fiches technique(HTML) 39 Page - National Semiconductor (TI)

Back Button PCM16C02 Datasheet HTML 34Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 35Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 36Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 37Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 38Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 39Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 40Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 41Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 42Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
TLF11688 – 17
Note 1
For HADDR(120) REG
CE1
and CE2
timing specifications to HWE
or HIOWR
refer to the Common Memory Write or IO Write Timing
Specifications
Note 2
The NAND Flash Write Timing Specifications are based upon National’s NM29N16 16 MBit (2M x 8-Bit) CMOS NAND Flash EEPROM The NAND Flash
Write Timing Specifications are dependent on the NAND Flash Device
FIGURE 8 NAND Flash (NM29N16) Write Timing Specification
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42