Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZP14 Fiches technique(PDF) 7 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

No de pièce ZP14
Description  Combustible Gas Detection Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Site Internet  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZP14 Fiches technique(HTML) 7 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZP14 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZP14 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
wire.
Cautions
1 .Following conditions must be prohibited
1.1 Exposed to organic silicon steam
Module will lose sensitivity and never recover if it absorbs organic silicon steam.
Module must avoid exposing to silicon bond, fixature, silicon latex, putty or plastic
contain silicon environment.
1.2 High Corrosive gas
If the sensors are exposed to high concentration corrosive gas (such as H2S, SOX, Cl2,
HCl etc.), it will not only result in corrosion of sensors structure, also it cause sincere
sensitivity attenuation.
1.3 Touch water
Sensitivity of the sensors will be reduced when spattered or dipped in water.
1.4 Freezing
Do avoid icing on sensor’s surface, otherwise sensing material will be broken and lost
sensitivity.
2 .Following conditions must be avoided
2.1 Water Condensation
Indoor conditions, slight water condensation will influence sensors’ performance
lightly. However, if water condensation on sensing material surface and keep a
certain period, sensors’ sensitive will decrease.
2.2 Used in target gas with high concentration
No matter the sensor is electrified or not, if it is placed in high gas concentration for
long time, sensors characteristic will be affected. If lighter gas sprays the sensor, it
will cause extremely damage.
2.3 Long time storage
The sensors resistance will drift reversibly if the module is stored for long time



Html Pages

1 2 3 4 5 6 7 8