| Moteur de recherche de fiches techniques de composants électroniques |
|
WJV-HAB-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WJV-HAB-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: WJV WJV SPECIFICATIONS ES-2262 Rev.6 Page 3/4 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS unit: mm (inch) 5 6 7 8 2 1 11 10 50 (1.97) 107 (4.21) 136 (5.35) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW • When mounting, no extra space is needed between units. 3 9 4 TERMINAL ASSIGNMENTS unit: mm (inch) 7 8 2 1 11 10 3 9 4 INPUT RESISTOR (model: REM) 5 6 Input shunt resistor attached for current input. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation * Base Socket *Input shunt resistor attached for current input. INPUT 5 Low Drift Amplifier R 6 4 3 U(+) V(–) POWER 7 8 Digital Computation + – OUTPUT 1 1 2 S Z Output Driver SERIAL TRANSMISSION LINE PU-2x MODULAR JACK + – 10 11 S Z Output Driver 9 OUTPUT 2 |