| Moteur de recherche de fiches techniques de composants électroniques |
|
WRPPB-NM5AR-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WRPPB-NM5AR-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: WRPPB WRPPB SPECIFICATIONS ES-2223 Rev.3 Page 4/6 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 50 (1.97) 3 4 5 6 2 1 8 7 103 (4.06) 123 (4.84) [3.3 (.13)] 11 (0.43) 40 (1.57) 50 (1.97) 7.8 (0.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW 20 (0.79) • When mounting, no extra space is needed between units. 16 (.63) |