| Moteur de recherche de fiches techniques de composants électroniques |
|
10BXC-10-R Fiches technique(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
10BXC-10-R Fiches technique(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 7 page ![]() MODEL: 10BXC http://www.m-system.co.jp/ 10BXC SPECIFICATIONS ES-0893 Rev.12 Page 7/7 PIN NO. ASSIGNMENT PIN NO. ASSIGNMENT 1 ch. 1 + 9 ch. 9 + 19 ch. 1 – 27 ch. 9 – 2 ch. 2 + 10 ch.10 + 20 ch. 2 – 28 ch.10 – 3 ch. 3 + 11 ch.11 + 21 ch. 3 – 29 ch.11 – 4 ch. 4 + 12 ch.12 + 22 ch. 4 – 30 ch.12 – 5 ch. 5 + 13 ch.13 + 23 ch. 5 – 31 ch.13 – 6 ch. 6 + 14 ch.14 + 24 ch. 6 – 32 ch.14 – 7 ch. 7 + 15 ch.15 + 25 ch. 7 – 33 ch.15 – 8 ch. 8 + 16 ch.16 + 26 ch. 8 – 34 ch.16 – Hitachi DCS connector • Location CN1, CN2: DN20B-36S The input or output 2 (Output 1 with single output type) is connected to the connector. RACK LOCATION NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 HITACHI DCS CONNECTOR Connector Pin Assignment PIN NO. ASSIGNMENT PIN NO. ASSIGNMENT 1 ch. 1 + 9 ch. 9 + 19 ch. 1 – 27 ch. 9 – 2 ch. 2 + 10 ch.10 + 20 ch. 2 – 28 ch.10 – 3 ch. 3 + 11 ch.11 + 21 ch. 3 – 29 ch.11 – 4 ch. 4 + 12 ch.12 + 22 ch. 4 – 30 ch.12 – 5 ch. 5 + 13 ch.13 + 23 ch. 5 – 31 ch.13 – 6 ch. 6 + 14 ch.14 + 24 ch. 6 – 32 ch.14 – 7 ch. 7 + 15 ch.15 + 25 ch. 7 – 33 ch.15 – 8 ch. 8 + 16 ch.16 + 26 ch. 8 – 34 ch.16 – Hitachi DCS EX-CDL cable connector • Location CN1 : 57GE-40360-751 (D7A) The input or output 2 (output 1 with single output type) is connected to the connector. Specifications are subject to change without notice. |