Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDLL1A40 Fiches technique(PDF) 6 Page - Microsemi Corporation

No de pièce CDLL1A40
Description  1 Amp Schottky Barrier Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL1A40 Fiches technique(HTML) 6 Page - Microsemi Corporation

  CDLL1A40 Datasheet HTML 1Page - Microsemi Corporation CDLL1A40 Datasheet HTML 2Page - Microsemi Corporation CDLL1A40 Datasheet HTML 3Page - Microsemi Corporation CDLL1A40 Datasheet HTML 4Page - Microsemi Corporation CDLL1A40 Datasheet HTML 5Page - Microsemi Corporation CDLL1A40 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T4-LDS-0301-1, Rev. 1 (6/25/13)
©2013 Microsemi Corporation
Page 6 of 6
1N5818UR-1, 1N5819UR-1, 1N6761UR-1
and CDLL variants
PACKAGE DIMENSIONS
Symbol
Dimensions
Inch
Millimeters
Min
Max
Min
Max
BD
0.094
0.105
2.39
2.67
BL
0.189
0.205
4.80
5.21
ECT
0.016
0.022
0.41
0.56
S
0.001 min
0.03 min
NOTES:
1. Dimensions are in inches. Millimeters are given for information only.
2. Gap not controlled, shape of body and gap not controlled.
3. In accordance with ASME Y14.5M, diameters are equivalent to
Φx symbology.
PAD LAYOUT
Ltr
Inch
mm
A
0.276
7.00
B
0.070
1.8
C
0.110
2.8



Html Pages

1 2 3 4 5 6