| Moteur de recherche de fiches techniques de composants électroniques |
|
WJFT1-U11A-R Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WJFT1-U11A-R Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: WJFT WJFT SPECIFICATIONS ES-2279 Rev.8 Page 5/6 http://www.m-system.co.jp/ INPUT •Step Input with Time Constant t OUTPUT t 0 0 T ■ DELAY BUFFER This unit generates a first order lag output. 1 X0 (s) = X1 (s) 1 + T s X0 : output X1 : input T : time constant (0.0 to 100.0 second adjustable) ■ LEAD-TIME COMPUTING This unit operates a lead-time equation. X0 (s) = (1 + T s) X1 (s) X0 : output X1 : input T : lead-time constant (0.0 to 100.0 seconds adjustable) INPUT •Step Input with Time Constant (Lead) t OUTPUT t 0 0 T ■ RAMP BUFFER This unit output does not change faster than a preset maximum rate, positive CP and negative CN, no mat- ter how fast its input changes. CP : maximum rate of positive output change (0.00 to 200.00%/second adjustable) CN : maximum rate of negative output change (0.00 to 200.00%/second adjustable) INPUT •Step Input with Rate-of-Change Limit t OUTPUT t 0 0 CP CN ■ MEAN AVERAGE OUTPUT This unit samples input signals every H seconds and, excluding U numbers of largest samples and L num- bers of smallest samples, outputs proportionally to an average of the rest [N – (U + L)] of sampled data. When the number of samples to be calculated equals 0 or less, it outputs an error. H : sampling cycle (0.1 to 100.0 seconds adjustable) N : number of samples to be calculated (2 to 8 adjustable) U : number of largest samples to be cut off (0 to 7 adjustable) L : number of smallest samples to be cut off (0 to 7 adjustable) IN 1 IN 2 INPUT •Example (N=5, U=1, L=1) t OUTPUT t OUT 1 OUT 2 IN 1 IN 2 |