| Moteur de recherche de fiches techniques de composants électroniques |
|
WMS2-3C-R Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WMS2-3C-R Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: WMS2 WMS2 SPECIFICATIONS ES-2217 Rev.5 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 50 (1.97) 72 (2.83) 107 (4.21) 136 (5.35) [3.3 (.13)] 60 (2.36) 72 (2.83) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 14–M3.5 SCREW • When mounting, no extra space is needed between units. 12 5 6 14 11 1 10 15 4 3 2 7 9 8 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – 3 2 1 max. min. Base Socket Low Drift Amplifier 2 S Z 4 12 POTENTIOMETER 5 Reference Volt. Generator U(+) V(–) POWER 7 14 + – OUTPUT 1 1 11 + – 9 15 Isolation Output Driver Output Driver OUTPUT 2 3 6 8 10 Specifications are subject to change without notice. |