Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT63M107PVC Fiches technique(PDF) 16 Page - List of Unclassifed Manufacturers

No de pièce UT63M107PVC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M107PVC Fiches technique(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button UT63M107PVC Datasheet HTML 12Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 13Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 14Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 15Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 16Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 17Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 18Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 19Page - List of Unclassifed Manufacturers UT63M107PVC Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
Figure 12. 36-Pin Side-Brazed DIP, Dual Cavity
Notes:
1. Package material: opaque ceramic.
2. All package finishes are per MIL-PRF-38535.
3. It is recommended that package ceramic be mounted on a heat removal
rail in the printed circuit board. A thermally conductive material should
be used.
LEAD 1
INDICATOR
0.005 MIN.
.610 MAX.
.570 MIN.
.015 MAX.
.008 MIN.
.620 MAX
.590 MIN.
(AT SEATING PLANE)
1.89 MAX
0.001 MIN.
.023 MAX.
.014 MIN.
0.155
MAX.
0.150
MIN.
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23