Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT63M107PPC Fiches technique(PDF) 19 Page - List of Unclassifed Manufacturers

No de pièce UT63M107PPC
Description  MIL-STD-1553A/B Bus Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

UT63M107PPC Fiches technique(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button UT63M107PPC Datasheet HTML 15Page - List of Unclassifed Manufacturers UT63M107PPC Datasheet HTML 16Page - List of Unclassifed Manufacturers UT63M107PPC Datasheet HTML 17Page - List of Unclassifed Manufacturers UT63M107PPC Datasheet HTML 18Page - List of Unclassifed Manufacturers UT63M107PPC Datasheet HTML 19Page - List of Unclassifed Manufacturers UT63M107PPC Datasheet HTML 20Page - List of Unclassifed Manufacturers UT63M107PPC Datasheet HTML 21Page - List of Unclassifed Manufacturers UT63M107PPC Datasheet HTML 22Page - List of Unclassifed Manufacturers UT63M107PPC Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19
Figure 15. 36-Lead Flatpack, Dual Cavity
(50-Mil Lead Spacing)
Notes:
1. Package material: opaque ceramic.
2. All package plating finishes are per MIL-M-38510.
3. Lid is not connected to any electrical potential.
4. It is recommended that package ceramic be mounted to a heat removal rail located in the
printed circuit board. A thermally conductive material such as Mereco XLN-589 or
equivalent should be used.
1.00+.025
E
0.700
±0.015
L
LEAD 1 INDICATOR
A
0.130 MAX.
Q
0.070
±0.010
(AT CERAMIC BODY)
D
-
e
.050
b
0.016
±.002
C
0.007
-0.001
+0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23