Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD301B Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce UPD301B
Description  Stand-alone USB Type-C??Power Delivery 3.0 Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD301B Fiches technique(HTML) 13 Page - Microchip Technology

Back Button UPD301B Datasheet HTML 9Page - Microchip Technology UPD301B Datasheet HTML 10Page - Microchip Technology UPD301B Datasheet HTML 11Page - Microchip Technology UPD301B Datasheet HTML 12Page - Microchip Technology UPD301B Datasheet HTML 13Page - Microchip Technology UPD301B Datasheet HTML 14Page - Microchip Technology UPD301B Datasheet HTML 15Page - Microchip Technology UPD301B Datasheet HTML 16Page - Microchip Technology UPD301B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
2020 Microchip Technology Inc.
DS00003412A-page 13
UPD301B/C
3.0
PIN DESCRIPTIONS AND CONFIGURATION
3.1
Pin Assignments
The device pin diagram for the UPD301B/C can be seen in Figure 3-1. Table 3-1 provides a UPD301B/C pin assignment
table. The internal bonding diagram (simplified) is shown in Figure 3-2. Pin descriptions are provided in Section 3.2, "Pin
Descriptions".
FIGURE 3-1:
UPD301B/C PIN ASSIGNMENTS (TOP VIEW)
Microchip
UPD301B/C
(Top View 40-VQFN)
Note: Exposed pad (VSS) on bottom of package must be connected to ground.
SPI_IRQ_N0 (PA14)
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
CC2
VCONN_IN
CC1
VDD12_CORE_OUT
VDD33_REG_IN
SWCLK (PA30)
SWDIO (PA31)
VBUS_DET_IN
VPP18
GPIO3
GPIO2
SPI_MOSI (PA11)
SPI_SS0 (PA10)
SPI_CLK (PA09)
SPI_MISO (PA08)
Thermal slug connects to VSS
10
PA00
21
VDD33_ANA_IN
1
PA28
PA15
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45