| Moteur de recherche de fiches techniques de composants électroniques |
|
SN761663DGKG4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN761663DGKG4 Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 9 page ![]() www.ti.com APPLICATION INFORMATION TEST CIRCUITS 1 2 3 4 8 7 6 5 GND1 OUT1 OUT2 GND2 VCC IN1 IN2 AGC S0120-01 SG (50 Ω) 0.1 µF 200 Ω Spectrum Analyzer (50 Ω) 0.1 µF 200 Ω VCC 47 µF 0.1 µF 0.1 µF 0.1 µF 51 Ω 0.1 µF 51 Ω 1 2 3 4 8 7 6 5 GND1 OUT1 OUT2 GND2 VCC IN1 IN2 AGC S0121-01 0.1 µF 200 Ω Spectrum Analyzer (50 Ω) 0.1 µF 200 Ω VCC 47 µF 0.1 µF 0.1 µF 0.1 µF 51 Ω 0.1 µF SG1 (50 Ω) SG2 (50 Ω) 51 Ω + SN761663 SLES151 – OCTOBER 2005 Figure 9 and Figure 10 are test circuits for the SN761663. Figure 9 is the circuit for measurement of gain and output voltage. Figure 10 is the circuit for measurement of intermodulation distortion and input intercept point. This application information is advisory, and a performance check is required for actual application circuits. Figure 9. Measurement Circuit for Gain and Output Voltage Figure 10. Measurement Circuit for IM3 and IIP3 6 |