| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430F2002IPW Fiches technique(PDF) 76 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2002IPW Fiches technique(HTML) 76 Page - Texas Instruments |
|
76 / 80 page ![]() MSP430x20x1, MSP430x20x2, MSP430x20x3 MIXED SIGNAL MICROCONTROLLER SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005 76 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Port P2 (P2.6) pin schematics, MSP430x20x3 Bus Keeper EN Direction 0: Input 1: Output P2SEL.6 1 0 P2DIR.6 P2IN.6 P2IRQ.6 D EN Module X IN 1 0 Module X OUT P2OUT.6 Interrupt Edge Select Q EN Set P2SEL.6 P2IES.6 P2IFG.6 P2.6/XIN/TA1 1 0 DVSS DVCC P2REN.6 Pad Logic LFXT1 Oscillator BCSCTL3.LFXT1Sx = 11 P2.7/XOUT LFXT1 off 0 1 1 LFXT1CLK P2SEL.7 P2IE.6 Port P2 (P2.6) pin functions, MSP430x20x3 PIN NAME (P2.X) X FUNCTION CONTROL BITS / SIGNALS PIN NAME (P2.X) X FUNCTION P2DIR.x P2SEL.x P2.6/XIN/TA1 6 P2.6 Input/Output 0/1 0 P2.6/XIN/TA1 6 XIN† (see Note 3) 0 1 Timer_A2.TA1 1 1 † Default after reset (PUC/POR) NOTES: 1. N/A: Not available or not applicable. 2. X: Don’t care. 3. XIN is used as digital clock input if the bits LFXT1Sx in register BCSCTL3 are set to 11. |