| Moteur de recherche de fiches techniques de composants électroniques |
|
EFL3216-R22 Fiches technique(PDF) 3 Page - EXCEL CELL ELECTRONIC CO., LTD. |
|
|
|||||||||||||||||||||||||||||
EFL3216-R22 Fiches technique(HTML) 3 Page - EXCEL CELL ELECTRONIC CO., LTD. |
|
3 / 5 page ![]() 3 For the latest product information, Please visit our website at http://www.ece.com.tw ECE- - - - The Name You Can Trust! TYPE: EFL 2012 Part No. Inductance (µH) Tolerance (±%) Q (Min.) L, Q Test Frequency (MHz) SRF (MHz) Min. DC Resistance ( )Max. Rating Current (mA)Max. Product Thickness (mm) EFL2012-47N 0.047 M 15 50 320 0.20 300 0.85±0.2 EFL2012-68N 0.068 M 15 50 280 0.20 300 0.85±0.2 EFL2012-82N 0.082 M 15 50 255 0.20 300 0.85±0.2 EFL2012-R10 0.10 K,M 20 25 235 0.30 250 0.85±0.2 EFL2012-R12 0.12 K,M 20 25 220 0.30 250 0.85±0.2 EFL2012-R15 0.15 K,M 20 25 200 0.40 250 0.85±0.2 EFL2012-R18 0.18 K,M 20 25 185 0.40 250 0.85±0.2 EFL2012-R22 0.22 K,M 20 25 170 0.50 250 0.85±0.2 EFL2012-R27 0.27 K,M 20 25 150 0.50 250 0.85±0.2 EFL2012-R33 0.33 K,M 20 25 145 0.55 250 0.85±0.2 EFL2012-R39 0.39 K,M 25 25 135 0.65 200 0.85±0.2 EFL2012-R47 0.47 K,M 25 25 125 0.65 200 0.85±0.2 EFL2012-R56 0.56 K,M 25 25 115 0.75 150 0.85±0.2 EFL2012-R68 0.68 K,M 25 25 105 0.80 150 0.85±0.2 EFL2012-R82 0.82 K,M 25 25 100 1.00 150 0.85±0.2 EFL2012-1R0 1.0 K,M 45 10 75 0.40 50 0.85±0.2 EFL2012-1R2 1.2 K,M 45 10 65 0.50 50 0.85±0.2 EFL2012-1R5 1.5 K,M 45 10 60 0.50 50 0.85±0.2 EFL2012-1R8 1.8 K,M 45 10 55 0.60 50 0.85±0.2 EFL2012-2R2 2.2 K,M 45 10 50 0.65 30 0.85±0.2 EFL2012-2R7 2.7 K,M 45 10 45 0.75 30 1.25±0.2 EFL2012-3R3 3.3 K,M 45 10 41 0.80 30 1.25±0.2 EFL2012-3R9 3.9 K,M 45 10 38 0.90 30 1.25±0.2 EFL2012-4R7 4.7 K,M 45 10 35 1.00 30 1.25±0.2 EFL2012-5R6 5.6 K,M 50 4 32 0.90 15 1.25±0.2 EFL2012-6R8 6.8 K,M 50 4 29 1.00 15 1.25±0.2 EFL2012-8R2 8.2 K,M 50 4 26 1.10 15 1.25±0.2 EFL2012-100 10 K,M 50 2 24 1.15 15 1.25±0.2 EFL2012-120 12 K,M 50 2 22 1.25 15 1.25±0.2 EFL2012-150 15 K,M 30 1 19 0.80 5 1.25±0.2 EFL2012-180 18 K,M 30 1 18 0.90 5 1.25±0.2 EFL2012-220 22 K,M 30 1 16 1.10 5 1.25±0.2 EFL2012-270 27 K,M 30 1 14 1.15 5 1.25±0.2 EFL2012-330 33 K,M 30 0.4 13 1.25 5 1.25±0.2 EFL2012-390 39 K,M 35 1 8 2.90 4 1.25±0.2 |