| Moteur de recherche de fiches techniques de composants électroniques |
|
EFL3216-R10 Fiches technique(PDF) 4 Page - EXCEL CELL ELECTRONIC CO., LTD. |
|
|
|||||||||||||||||||||||||||||
EFL3216-R10 Fiches technique(HTML) 4 Page - EXCEL CELL ELECTRONIC CO., LTD. |
|
4 / 5 page ![]() 4 For the latest product information, Please visit our website at http://www.ece.com.tw ECE- - - - The Name You Can Trust! TYPE: EFL 3216 Part No. Inductance (µH) Tolerance (±%) Q (Min.) L, Q Test Frequency (MHz) SRF (MHz) Min. DC Resistance ( )Max. Rating Current (mA)Max. Product Thickness (mm) EFL3216-47N 0.047 M 20 50 320 0.15 300 1.1±0.3 EFL3216-68N 0.068 M 20 50 280 0.25 300 1.1±0.3 EFL3216-82N 0.082 M 20 50 255 0.25 300 1.1±0.3 EFL3216-R10 0.10 K,M 20 25 235 0.25 250 1.1±0.3 EFL3216-R12 0.12 K,M 20 25 220 0.30 250 1.1±0.3 EFL3216-R15 0.15 K,M 20 25 200 0.30 250 1.1±0.3 EFL3216-R18 0.18 K,M 20 25 185 0.40 250 1.1±0.3 EFL3216-R22 0.22 K,M 20 25 170 0.40 250 1.1±0.3 EFL3216-R27 0.27 K,M 20 25 150 0.50 250 1.1±0.3 EFL3216-R33 0.33 K,M 20 25 145 0.60 250 1.1±0.3 EFL3216-R39 0.39 K,M 20 25 135 0.50 250 1.1±0.3 EFL3216-R47 0.47 K,M 20 25 125 0.60 200 1.1±0.3 EFL3216-R56 0.56 K,M 20 25 115 0.70 200 1.1±0.3 EFL3216-R68 0.68 K,M 20 25 105 0.80 150 1.1±0.3 EFL3216-R82 0.82 K,M 20 25 100 0.90 150 1.1±0.3 EFL3216-1R0 1.0 K,M 45 10 75 0.40 100 1.1±0.3 EFL3216-1R2 1.2 K,M 45 10 65 0.50 100 1.1±0.3 EFL3216-1R5 1.5 K,M 45 10 60 0.50 50 1.1±0.3 EFL3216-1R8 1.8 K,M 45 10 55 0.50 50 1.1±0.3 EFL3216-2R2 2.2 K,M 45 10 50 0.60 50 1.1±0.3 EFL3216-2R7 2.7 K,M 45 10 45 0.60 50 1.1±0.3 EFL3216-3R3 3.3 K,M 45 10 41 0.70 50 1.1±0.3 EFL3216-3R9 3.9 K,M 45 10 38 0.80 50 1.1±0.3 EFL3216-4R7 4.7 K,M 45 10 35 0.90 50 1.1±0.3 EFL3216-5R6 5.6 K,M 50 4 32 0.70 25 1.1±0.3 EFL3216-6R8 6.8 K,M 50 4 29 0.80 25 1.1±0.3 EFL3216-8R2 8.2 K,M 50 4 26 0.90 25 1.1±0.3 EFL3216-100 10 K,M 50 2 24 1.00 25 1.1±0.3 EFL3216-120 12 K,M 50 2 22 1.05 15 1.1±0.3 EFL3216-150 15 K,M 35 1 19 0.70 5 1.1±0.3 EFL3216-180 18 K,M 35 1 18 0.70 5 1.1±0.3 EFL3216-220 22 K,M 35 1 16 0.90 5 1.1±0.3 EFL3216-270 27 K,M 35 1 14 0.90 5 1.1±0.3 EFL3216-330 33 K,M 35 0.4 13 1.05 5 1.1±0.3 EFL3216-390 39 K,M 40 2 11 3.00 10 1.6±0.3 EFL3216-470 47 K,M 40 2 10 3.40 10 1.6±0.3 |