Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F2012 Fiches technique(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F2012
Description  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012 Fiches technique(HTML) 29 Page - Texas Instruments

Back Button MSP430F2012 Datasheet HTML 25Page - Texas Instruments MSP430F2012 Datasheet HTML 26Page - Texas Instruments MSP430F2012 Datasheet HTML 27Page - Texas Instruments MSP430F2012 Datasheet HTML 28Page - Texas Instruments MSP430F2012 Datasheet HTML 29Page - Texas Instruments MSP430F2012 Datasheet HTML 30Page - Texas Instruments MSP430F2012 Datasheet HTML 31Page - Texas Instruments MSP430F2012 Datasheet HTML 32Page - Texas Instruments MSP430F2012 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
calibrated DCO frequencies − tolerance at calibration
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
Frequency tolerance at calibration
25
°C
3 V
−1
±0.2
+1
%
fCAL(1MHz) 1MHz calibration value
BCSCTL1= CALBC1_1MHz;
DCOCTL = CALDCO_1MHz
Gating time: 5ms
25
°C
3 V
0.990
1
1.010
MHz
fCAL(8MHz) 8MHz calibration value
BCSCTL1= CALBC1_8MHz;
DCOCTL = CALDCO_8MHz
Gating time: 5ms
25
°C
3 V
7.920
8
8.080
MHz
fCAL(12MHz) 12MHz calibration value
BCSCTL1= CALBC1_12MHz;
DCOCTL = CALDCO_12MHz
Gating time: 5ms
25
°C
3 V
11.88
12
12.12
MHz
fCAL(16MHz) 16MHz calibration value
BCSCTL1= CALBC1_16MHz;
DCOCTL = CALDCO_16MHz
Gating time: 2ms
25
°C
3 V
15.84
16
16.16
MHz
calibrated DCO frequencies − tolerance over temperature 0
°C − +85°C
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
1 MHz tolerance over temperature
0
°C − +85°C
3.0 V
−2.5
±0.5
+2.5
%
8 MHz tolerance over temperature
0
°C − +85°C
3.0 V
−2.5
±1.0
+2.5
%
12 MHz tolerance over temperature
0
°C − +85°C
3.0 V
−2.5
±1.0
+2.5
%
16 MHz tolerance over temperature
0
°C − +85°C
3.0 V
−3.0
±2.0
+3.0
%
BCSCTL1= CALBC1_1MHz;
2.2 V
0.970
1
1.030
MHz
fCAL(1MHz) 1MHz calibration value
BCSCTL1= CALBC1_1MHz;
DCOCTL = CALDCO_1MHz
Gating time: 5ms
0
°C − +85°C
3.0 V
0.975
1
1.025
MHz
fCAL(1MHz) 1MHz calibration value
DCOCTL = CALDCO_1MHz
Gating time: 5ms
0 C − +85 C
3.6 V
0.970
1
1.030
MHz
BCSCTL1= CALBC1_8MHz;
2.2 V
7.760
8
8.400
MHz
fCAL(8MHz) 8MHz calibration value
BCSCTL1= CALBC1_8MHz;
DCOCTL = CALDCO_8MHz
Gating time: 5ms
0
°C − +85°C
3.0 V
7.800
8
8.200
MHz
fCAL(8MHz) 8MHz calibration value
DCOCTL = CALDCO_8MHz
Gating time: 5ms
0 C − +85 C
3.6 V
7.600
8
8.240
MHz
BCSCTL1= CALBC1_12MHz;
2.2 V
11.70
12
12.30
MHz
fCAL(12MHz) 12MHz calibration value
BCSCTL1= CALBC1_12MHz;
DCOCTL = CALDCO_12MHz
Gating time: 5ms
0
°C − +85°C
3.0 V
11.70
12
12.30
MHz
fCAL(12MHz) 12MHz calibration value DCOCTL = CALDCO_12MHz
Gating time: 5ms
0 C − +85 C
3.6 V
11.70
12
12.30
MHz
fCAL(16MHz) 16MHz calibration value
BCSCTL1= CALBC1_16MHz;
DCOCTL = CALDCO_16MHz
0
°C − +85°C
3.0 V
15.52
16
16.48
MHz
fCAL(16MHz) 16MHz calibration value DCOCTL = CALDCO_16MHz
Gating time: 2ms
0
°C − +85°C
3.6 V
15.00
16
16.48
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com