Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSP430F2002 Fiches technique(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
No de pièce MSP430F2002
Description  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002 Fiches technique(HTML) 59 Page - Texas Instruments

Back Button MSP430F2002 Datasheet HTML 55Page - Texas Instruments MSP430F2002 Datasheet HTML 56Page - Texas Instruments MSP430F2002 Datasheet HTML 57Page - Texas Instruments MSP430F2002 Datasheet HTML 58Page - Texas Instruments MSP430F2002 Datasheet HTML 59Page - Texas Instruments MSP430F2002 Datasheet HTML 60Page - Texas Instruments MSP430F2002 Datasheet HTML 61Page - Texas Instruments MSP430F2002 Datasheet HTML 62Page - Texas Instruments MSP430F2002 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
59
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Port P1 (P1.4 to P1.7) pin functions, MSP430x20x2
CONTROL BITS / SIGNALS
PIN NAME (P1.X)
X
FUNCTION
P1DIR.x
P1SEL.x
USIP.x
ADC10AE.x
INCHx
JTAG
Mode
P1.4/SMCLK/A4/
VREF+/VeREF+/
4
P1.4† Input/Output
0/1
0
0
N/A
0
P1.4/SMCLK/A4/
VREF+/VeREF+/
TCK
4
N/A
0
1
0
N/A
0
TCK
SMCLK
1
1
0
N/A
0
A4 (see Note 3)
X
X
N/A
1
4
0
VREF+/VeREF+
(see Notes 3, 4)
X
X
N/A
1
N/A
0
TCK (see Note 5)
X
X
X
X
1
P1.5/TA0/SCLK/A5/
TMS
5
P1.5† Input/Output
0/1
0
X
0
N/A
0
P1.5/TA0/SCLK/A5/
TMS
5
N/A
0
1
X
0
N/A
0
Timer_A2.TA0
1
1
X
0
N/A
0
SCLK
X
X
1
0
N/A
0
A5 (see Note 3)
X
X
X
1
5
0
TMS (see Note 5)
X
X
X
X
X
1
P1.6/TA1/SDO/SCL/A6/
TDI
6
P1.6† Input/Output
0/1
0
X
0
N/A
0
P1.6/TA1/SDO/SCL/A6/
TDI
6
Timer_A2.CCI1B
0
1
X
0
N/A
0
Timer_A2.TA1
1
1
X
0
N/A
0
SDO (SPI) / SCL (I2C)
X
X
1
0
N/A
0
A6 (see Note 3)
X
X
X
1
6
0
TDI (see Note 5)
X
X
X
X
X
1
P1.7/SDI/SDA/A7/
TDO/TDI
7
P1.7† Input/Output
0/1
0
X
0
N/A
0
P1.7/SDI/SDA/A7/
TDO/TDI
7
N/A
0
1
X
0
N/A
0
DVSS
1
1
X
0
N/A
0
SDI (SPI) / SDA (I2C)
X
X
1
0
N/A
0
A7 (see Note 3)
X
X
X
1
7
0
TDO/TDI (see Notes 5,
6)
X
X
X
X
X
1
† Default after reset (PUC/POR)
NOTES:
1. N/A: Not available or not applicable.
2. X: Don’t care.
3. Setting the ADC10AE.x bit disables the output driver as well as the input schmitt trigger to prevent parasitic cross currents when
applying analog signals.
4. The reference voltage is output if bit REFOUT in register ADC10CTL0 is set. An applied voltage is used as positive reference if
bits SREF0/1 in register ADC10CTL0 are set to 10 or 11.
5. In JTAG mode the internal pull-up/down resistors are disabled.
6. Function controlled by JTAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com