Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34E02-FMB1TP Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce M34E02-FMB1TP
Description  2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-FMB1TP Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button M34E02-FMB1TP Datasheet HTML 2Page - STMicroelectronics M34E02-FMB1TP Datasheet HTML 3Page - STMicroelectronics M34E02-FMB1TP Datasheet HTML 4Page - STMicroelectronics M34E02-FMB1TP Datasheet HTML 5Page - STMicroelectronics M34E02-FMB1TP Datasheet HTML 6Page - STMicroelectronics M34E02-FMB1TP Datasheet HTML 7Page - STMicroelectronics M34E02-FMB1TP Datasheet HTML 8Page - STMicroelectronics M34E02-FMB1TP Datasheet HTML 9Page - STMicroelectronics M34E02-FMB1TP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
M34E02
6/23
Figure 5. I2C Bus Protocol
Table 2. Device Select Code
Note: 1. The most significant bit, b7, is sent first.
2. E0, E1 and E2 are compared against the respective external pins on the memory device.
Chip Enable Signals
Device Type Identifier
Chip Enable Bits
RW
b7 1
b6
b5
b4
b3
b2
b1
b0
Memory Area Select Code
(two arrays) 2
E2
E1
E0
1
0
1
0
E2
E1
E0
RW
Set Write Protection (SWP)
VSS
VSS
VHV
01
10
0010
Clear Write Protection (CWP)
VSS
VCC
VHV
0110
Permanently Set Write
Protection (PSWP) 2
E2
E1
E0
E2
E1
E0
0
Read SWP
VSS
VSS
VHV
0011
Read CWP
VSS
VCC
VHV
0111
Read PSWP 2
E2
E1
E0
E2
E1
E0
1
SCL
SDA
SCL
SDA
SDA
START
Condition
SDA
Input
SDA
Change
AI00792B
STOP
Condition
1
23
7
89
MSB
ACK
START
Condition
SCL
1
23
7
89
MSB
ACK
STOP
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23