Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34E02 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce M34E02
Description  2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button M34E02 Datasheet HTML 15Page - STMicroelectronics M34E02 Datasheet HTML 16Page - STMicroelectronics M34E02 Datasheet HTML 17Page - STMicroelectronics M34E02 Datasheet HTML 18Page - STMicroelectronics M34E02 Datasheet HTML 19Page - STMicroelectronics M34E02 Datasheet HTML 20Page - STMicroelectronics M34E02 Datasheet HTML 21Page - STMicroelectronics M34E02 Datasheet HTML 22Page - STMicroelectronics M34E02 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
M34E02
22/23
REVISION HISTORY
Table 16. Revision History
Date
Rev.
Description of Revision
13-Nov-2003
1.0
First release
01-Dec-2003
1.1
TSSOP8 4.4x3 package replaces TSSOP8 3x3 (MSOP8) package. Correction to sentence in
“Setting the Write Protection”. Correction to specification of tNS values.
29-Mar-2004
1.2
Always NoACK after Address and Data bytes in Table 6. Improvement in VIO and VCC (min) in
Absolute Maximum Ratings table. IOL changed for test condition of VOL. MLP package
mechanical data respecified. Soldering temperature information clarified for RoHS compliant
devices.
14-Apr-2004
2.0
First public release
24-Nov-2004
3.0
Direct connection of E0, E1, E2 to VSS and VCC (see Chip Enable (E0, E1, E2) and USE
WITHIN A DDR2 DIMM paragraphs). ZEiL and ZEiH parameters added to Table 10., Input
Parameters. E0, E1, E2 removed from the Parameter descriptions of VIL and VIH in Table
11., DC Characteristics.
Document status promoted from Product Preview to full Datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23