Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MEX-F-12221-B/E Fiches technique(PDF) 5 Page - M-System Co.,Ltd.

No de pièce MEX-F-12221-B/E
Description  Final Control Elements
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEX-F-12221-B/E Fiches technique(HTML) 5 Page - M-System Co.,Ltd.

  MEX-F-12221-B/E Datasheet HTML 1Page - M-System Co.,Ltd. MEX-F-12221-B/E Datasheet HTML 2Page - M-System Co.,Ltd. MEX-F-12221-B/E Datasheet HTML 3Page - M-System Co.,Ltd. MEX-F-12221-B/E Datasheet HTML 4Page - M-System Co.,Ltd. MEX-F-12221-B/E Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: MEX-F
MEX-F SPECIFICATIONS
ES-4623 Rev.7 Page 5/5
http://www.m-system.co.jp/
SIGNAL CHARACTERISTICS & DIRECT/REVERSE ACTIONS
MAX
(100%)
MIN
(0%) 4
(0%)
20
(100%)
RE-TRANSMITTED
OUTPUT
1
2
RE-TRANSMITTED OUTPUT & CONTROL OUTPUT
MAX
(100%)
MIN
(0%) 4
(0%)
20
(100%)
POSITION
SETPOINT INPUT
1
2
POSITION SETPOINT INPUT & CONTROL OUTPUT
SETTING
GRAPH
OPERATION
Reverse
2
When the position setpont signal increases,
Action
the control output goes towared maximum side.
Direct
1
When the position setpoint signal increases,
Action
the control output goes toward minimum side.
The positioner is factory set to "Reverse" control action.
Specify "Operation Mode Selector" type (code 1) when ordering, if changing out-
put action to "Direct".
SETTING
GRAPH
OPERATION
Reverse
2
When the control output goes toward maximum
Action
side, the re-transmitted signal increases.
Direct
1
When the control output goes toward maximum
Action
side, the re-transmitted signal decreases.
The positioner is factory set to "Reverse" control action.
Specify "Operation Mode Selector" type (code 1) when ordering, if changing out-
put action to "Direct".
EXPLANATIONS OF TERMS
• SSR (Solid State Relay)
Composed only of semiconductor parts, SSR is free from arc discharge or chattering which is typical with electromagnetic
relays. It features excellent characteristics against vibration, physical impact or other environmental conditions.
• Zero-Cross Function
SSR with zero-cross function turns on when AC power voltage is near zero, creating delay of switching when input is provided in
the middle of an wave cycle, thus limiting transient switching noise voltage and rush current.
• Photo MOSFET Relay
A kind of semiconductor relay which has advantages of both solid state relay and mechanical relay, thanks to its low ON-
resistance characteristic. It also features high speed ON/OFF operation and low leak current.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com